Part Number Hot Search : 
70217 W1616 2SC5129 1C220 AK4223 SM6104P 7421FC ILA7052
Product Description
Full Text Search
 

To Download SDW80S600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SemiWell Semiconductor
SDW80S600
Fast Soft Recovery Rectifier Diode
Features
Plastic material meets UL94V-0 Glass passivated chips Very short recovery time Extremely low switching loss Soft recovery behavior High ruggedness type
IFAVM = 80A VRRM = 600V = 65ns trr
TO- 247AD
General Description
The SDW80S600 FRD has been designed for applications requiring low forward voltage drop and soft recovery characteristics. Typical applications are output rectification for SMPS, UPS, Welding and freewheeling in inverter, chopper and converter.
1 2 1.Cathode 2. Anode
Absolute Maximum Ratings
Symbol
VRRM IF(AV) IFSM I2 t Ptot TJ/TSTG
Parameter
Repetitive Peak Reverse Voltage Average Rectified Forward Current @ TC = 82C Non-Repetitive Peak Surge Current (t=8.3ms) (Surge applied at rated load conditions half sinewave,single phase, 60HZ) I2t for Fusing ( t = 8.3ms ,60Hz sine pulse ) Total Power Dissipation @ TC = 25C Maximum Junction / Storage Temperature Range
Value
600 80 800 2650 270 - 40 ~ 150
Units
V A A A W C
Thermal Characteristics
Symbol
RthJC RthCS RthJA
Parameter
Maximum Thermal Resistance, Junction-to-Case Typical Thermal Resistance, Case-to-Heatsink Maximum Thermal Resistance, Junction-to-Ambient
Value
0.47 0.25 35
Units
C/W C/W C/W
1/5
March, 2003. Rev. 01 copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
SDW80S600
Electrical Characteristics
Symbol
Reverse Leakage Current IR Forward Voltage Drop VF rt VF(TO) Forward Slope Resistance, Tj =150C Threshold Voltage IF = 80A IF = 80 A TC = 25 C TC = 150 C
-
Parameter
VR = VRRM TC = 25 C TC = 150 C
Min
-
Typ
-
Max
0.1 14
Units
mA
1.5 1.3 -
1.8 1.5 8.0 0.85
V
m
V
Recovery Characteristics
Symbol
Reverse Recovery Time trr Irr Qrr
Parameter
IF =
Min
-
Typ
80 65
Max
130 100
Units
ns
IF = 40A , VR=30V ,di/dt = -50A/us 1A , VR=30V ,di/dt = -50A/us
Reverse Recovery Current IF = 40A , VR=30V ,di/dt = -50A/us Reverse Recovery Charge
-
-
3.5 0.5
A
uC
2/5
SDW80S600
Fig 1. di/dt vs. maximum reverse current (TC=25oC)
20
40
Fig 2. di/dt vs. maximum reverse current (TC=150oC)
o
TC=25 C
IRM, Reverse recovery current[A]
15
o
35
T C=150 C
IRM, Reverse recovery current[A]
30 25 20 15 10 5 0
10
IF=40A IF=20A IF=10A IF=1A
IF=40A IF=20A IF=10A IF=1A
5
0
0
40
80
120
160
200
0
40
80
120
160
200
di/dt, Rating of decreasing forward current[A/us]
di/dt, Rating of decreasing forward current[A/us]
Fig 3. di/dt vs. reverse recovery time (TC=25oC)
200 180
400
Fig 4. di/dt vs. reverse recovery time (TC=150oC)
o
T C=25 C
Trr, Reverse recovery time[ns]
360 320 280 240 200 160 120 80 40
T C=150 C IF=1A IF=10A
o
Trr, Reverse recovery time[ns]
160 140 120 100 80 60 40 20 0 0 40
IF=20A
IF=40A
IF=1A
IF=10A
IF=20A
IF=40A
120 160 200
80
0
0
40
80
120
160
200
di/dt, Rating of decreasing forward current[A/us]
di/dt, Rating of decreasing forward current[A/us]
Fig 5. di/dt vs. reverse recovery charge (TC=25oC)
600
Fig 6. di/dt vs. reverse recovery charge (TC=150oC)
3600 3200
T C=25 C
Qrr, Reverse recovery charge[nC]
o
T C=150 C
o
Qrr, Reverse recovery charge[nC]
500
2800 2400 2000 1600 1200 800 400 0
400
IF=40A IF=20A IF=10A
IF=40A IF=20A IF=10A IF=1A
300
200
IF=1A
100
0
0
40
80
120
160
200
0
40
80
120
160
200
di/dt, Rating of decreasing forward current[A/us]
di/dt, Rating of decreasing forward current[A/us]
3/5
SDW80S600
Fig 7. Forward average current vs. forward voltage drop
300
Fig 8. Reverse leakage current vs. reverse voltage
10
6
10
100
5
TC=150 C
4
o
IFAV, Forward current[A]
IR, Leakage current[uA]
10
TC=100 C
3
o
10
T C=150 C T C=100 C TC=50 C T C=25 C
o o o
o
10
10
2
TC=50 C TC=25 C
o
o
10
1
1 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
0
0
100
200
300
400
500
600
700
800
V F, Forward voltage drop[V]
VR, Reverse voltage[V]
Fig 9. Juntion capacitance vs. reverse voltage.
TC, Maximum Allowable Case Temperature[ C]
190 180
Fig 10. Maximum allowable case temperature
150 140
CT, Junction Capacitance[pF]
o
170 160 150 140 130 120
130 120 110 100
Rthjc = 0.47 C/W
o
180
90 80 70
o
Freuqency 1[MHz]
0
20
40
60
80
100
0
20
40
60
80
VR, Reverse voltage[V]
IFAV, Forward current[A]
Fig 11. Maximum power dissipation vs. forward average current
350 300 250 200 150 100
PD, Maximum Power Dissipation[W]
180
o
50 0
Conduction Angle o TJ=150 C
0 20 40 60 80 100 120 140
IFAV, Forward current[A]
4/5
SDW80S600
TO-247 AD Package Dimension mm Min. 15.77 20.80 20.05 4.48 4.27 10.64 4.90 1.90 2.35 0.6 1.93 1.07 3.56 2.13 1.33 3.66 0.076 0.042 0.140 Typ. Max. 16.03 21.10 20.31 4.58 4.37 11.16 5.16 2.06 2.45 Min. 0.621 0.819 0.789 0.176 0.168 0.418 0.193 0.075 0.093 0.024 0.084 0.052 0.144 Inch Typ. Max. 0.631 0.831 0.800 0.180 0.172 0.440 0.203 0.081 0.096
Dim. A B C D E F G H I J K L
G A H
B
D
I E 1 2 L
C
1. Cathode 2. Anode
J K
F
5/5


▲Up To Search▲   

 
Price & Availability of SDW80S600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X